Part Number Hot Search : 
MC33348 SML4737 4BC20 74AC163 B12V114B R10100 C1050 AVR32AP
Product Description
Full Text Search
 

To Download 74LCX16501 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 74LCX16501 18-Bit Universal Bus Transceivers with 5V Tolerant Inputs and Outputs
October 1995 Revised April 1999
74LCX16501 18-Bit Universal Bus Transceivers with 5V Tolerant Inputs and Outputs
General Description
The LCX16501 is an 18-bit universal bus transceiver combining D-type latches and D-type flip-flops to allow data flow in transparent, latched, and clocked modes. Data flow in each direction is controlled by output-enable (OEAB and OEBA), latch-enable (LEAB and LEBA), and clock (CLKAB and CLKBA) inputs. The LCX16501 is designed for low voltage (2.5V or 3.3V) VCC applications with capability of interfacing to a 5V signal environment. The LCX16501 is fabricated with an advanced CMOS technology to achieve high speed operation while maintaining CMOS low power.
Features
s 5V tolerant inputs and outputs s 2.3V-3.6V VCC specifications provided s 6.0 ns tPD max (VCC = 3.3V), 20 A ICC max s Power down high impedance inputs and outputs s Supports live insertion/withdrawal (Note 1) s 24 mA Output Drive (VCC = 3.0V) s Implements patented noise/EMI reduction circuitry s Latch-up performance exceeds 500 mA s ESD performance: Human body model > 2000V Machine model < 200V
Note 1: To ensure the high-impedance state during power up or down, OE should be tied to VCC and OE tied to GND through a resistor: the minimum value or the resistor is determined by the current-sourcing capability of the driver.
Ordering Code:
Order Number 74LCX16501MEA 74LCX16501MTD Package Number MS56A MTD56 Package Description 56-Lead Shrink Small Outline Package (SSOP), JEDEC MO-118, 0.300" Wide 56-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 6.1mm Wide
Devices also available on Tape and Reel. Specify by appending the suffix letter "X" to the ordering code.
(c) 1999 Fairchild Semiconductor Corporation
DS012550.prf
www.fairchildsemi.com
74LCX16501
Connection Diagram
Truth Table (Note 2)
Inputs OEAB L H H H H H H LEAB X H H L L L L CLKAB X X X H L An X L H L H X X Output Bn Z L H L H B0 (Note 3) B0 (Note 4)
Note 2: A-to-B data flow is shown: B-to-A flow is similar but uses OEBA, LEBA, and CLKBA. Note 3: Output level before the indicated steady-state input conditions were established, provided that CLKAB was HIGH before LEAB went LOW. Note 4: Output level before the indicated steady-state input conditions were established.
Functional Description
For A-to-B data flow, the LCX16501 operates in the transparent mode when LEAB is HIGH. When LEAB is LOW, the A data is latched if CLKAB is held at a high or low logic level. If LEAB is LOW, the A bus data is stored in the latch/ flip-flop on the LOW-to-HIGH transition of CLKAB. When OEAB is HIGH, the outputs are active. When OEAB is LOW, the outputs are in the high impedance state. Data flow for B to A is similar to that of A to B but uses OEBA, LEBA, and CLKBA. The output enables are complementary (OEAB is active HIGH and OEBA is active LOW).
Logic Diagram
www.fairchildsemi.com
2
74LCX16501
Absolute Maximum Ratings(Note 5)
Symbol VCC VI VO IIK IOK IO ICC IGND TSTG Parameter Supply Voltage DC Input Voltage DC Output Voltage DC Input Diode Current DC Output Diode Current DC Output Source/Sink Current DC Supply Current per Supply Pin DC Ground Current per Ground Pin Storage Temperature Value -0.5 to +7.0 -0.5 to +7.0 -0.5 to +7.0 -0.5 to VCC + 0.5 -50 -50 +50 50 100 100 -65 to +150 (Note 7) Min Operating Data Retention VI VO IOH/IOL Input Voltage Output Voltage Output Current HIGH or LOW State 3-STATE VCC = 3.0V - 3.6V VCC = 2.7V - 3.0V VCC = 2.3V - 2.7V TA t/V Free-Air Operating Temperature Input Edge Rate, VIN = 0.8V-2.0V, VCC = 3.0V -40 0 2.0 1.5 0 0 0 Max 3.6 3.6 5.5 VCC 5.5 24 12 8 85 10 C ns/V mA Units V V V Output in 3-STATE Output in HIGH or LOW State (Note 6) VI < GND VO < GND VO > VCC Conditions Units V V V mA mA mA mA mA C
Recommended Operating Conditions
Symbol VCC Supply Voltage Parameter
Note 5: The Absolute Maximum Ratings are those values beyond which the safety of the device cannot be guaranteed. The device should not be operated at these limits. The parametric values defined in the Electrical Characteristics tables are not guaranteed at the Absolute Maximum Ratings. The "Recommended Operating Conditions" table will define the conditions for actual device operation. Note 6: IO Absolute Maximum Rating must be observed. Note 7: Unused (inputs or I/Os) must be held HIGH or LOW. They may not float.
DC Electrical Characteristics
Symbol VIH VIL VOH Parameter HIGH Level Input Voltage LOW Level Input Voltage HIGH Level Output Voltage IOH = -100 A IOH = -8 mA IOH = -12 mA IOH = -18 mA IOH = -24 mA VOL LOW Level Output Voltage IOL = 100 A IOL = 8 mA IOL = 12 mA IOL = 16 mA IOL = 24 mA II IOZ IOFF Input Leakage Current 3-STATE I/O Leakage Power-Off Leakage Current 0 VI 5.5V 0 VO 5.5V VI = V IH or VIL VI or VO = 5.5V 0 10 Conditions VCC (V) 2.3 - 2.7 2.7 - 3.6 2.3 - 2.7 2.7 - 3.6 2.3 - 3.6 2.3 2.7 3.0 3.0 2.3 - 3.6 2.3 2.7 3.0 3.0 2.3 - 3.6 2.3 - 3.6 VCC - 0.2 1.8 2.2 2.4 2.2 0.2 0.6 0.4 0.4 0.55 5.0 5.0 A A A V V TA = -40C to +85C Min 1.7 2.0 0.7 0.8 Max Units V V
3
www.fairchildsemi.com
74LCX16501
DC Electrical Characteristics
Symbol ICC ICC Parameter Quiescent Supply Current Increase in ICC per Input
(Continued)
VCC (V) 2.3 - 3.6 2.3 - 3.6 2.3- 3.6 TA = -40C to +85C Min Max 20 20 500 A A
Conditions VI = VCC or GND 3.6V VI, VO 5.5V (Note 8) VIH = VCC -0.6V
Units
Note 8: Outputs disabled or 3-STATE only.
AC Electrical Characteristics
TA = -40C to +85C, RL = 500 Symbol Parameter VCC = 3.3V 0.3V CL = 50 pF Min fMAX tPHL tPLH tPHL tPLH tPHL tPLH tPZL tPZH tPLZ tPHZ tS tH tW tOSHL tOSLH Setup Time Hold Time Pulse Width Output to Output Skew (Note 9) Output Disable Time Maximum Clock Frequency Propagation Delay Bus to Bus Propagation Delay Clock to Bus Propagation Delay LE to Bus Output Enable Time 170 1.5 1.5 1.5 1.5 1.5 1.5 1.5 1.5 1.5 1.5 2.5 1.5 3.0 1.0 1.0 6.0 6.0 6.7 6.7 7.0 7.0 7.2 7.2 7.0 7.0 1.5 1.5 1.5 1.5 1.5 1.5 1.5 1.5 1.5 1.5 2.5 1.5 3.0 7.0 7.0 8.0 8.0 8.0 8.0 8.2 8.2 8.0 8.0 1.5 1.5 1.5 1.5 1.5 1.5 1.5 1.5 1.5 1.5 3.0 2.0 3.5 7.2 7.2 8.4 8.4 8.4 8.4 9.4 9.4 8.4 8.4 Max VCC = 2.7V CL = 50 pF Min Max VCC = 2.5V 0.2V CL = 30 pF Min Max MHz ns ns ns ns ns ns ns ns ns Units
Note 9: Skew is defined as the absolute value of the difference between the actual propagation delay for any two separate outputs of the same device. The specification applies to any outputs switching in the same direction, either HIGH-to-LOW (tOSHL), or LOW-to-HIGH (t OSLH).
Dynamic Switching Characteristics
Symbol VOLP VOLV Parameter Quiet Output Dynamic Peak VOL Quiet Output Dynamic Valley VOL Conditions CL = 50 pF, VIH = 3.3V, VIL = 0V CL = 30 pF, VIH = 2.5V, VIL = 0V CL = 50 pF, VIH = 3.3V, VIL = 0V CL = 30 pF, VIH = 2.5V, VIL = 0V VCC (V) 3.3 2.5 3.3 2.5 TA = 25C Typical 0.8 0.6 -0.8 -0.6 Units V V
Capacitance
Symbol CIN CI/O CPD Input Capacitance Input/Output Capacitance Power Dissipation Capacitance Parameter Conditions VCC = Open, VI = 0V or VCC VCC = 3.3V, VI = 0V or VCC VCC = 3.3V, VI = 0V or VCC, f = 10 MHz Typical 7 8 20 Units pF pF pF
www.fairchildsemi.com
4
74LCX16501
AC LOADING and WAVEFORMS Generic for LCX Family
FIGURE 1. AC Test Circuit (CL includes probe and jig capacitance) Test tPLH, tPHL tPZL, tPLZ tPZH,tPHZ Switch Open 6V at VCC = 3.3 0.3V VCC x 2 at VCC = 2.5 0.2V GND
Waveform for Inverting and Non-Inverting Functions
3-STATE Output High Enable and Disable Times for Logic
Propagation Delay. Pulse Width and trec Waveforms
Setup Time, Hold Time and Recovery Time for Logic
3-STATE Output Low Enable and Disable Times for Logic FIGURE 2. Waveforms (Input Characteristics; f =1MHz, tR = tF = 3ns) Symbol Vmi Vmo Vx Vy VCC 3.3V 0.3V 1.5V 1.5V VOL + 0.3V VOH - 0.3V 2.7V 1.5V 1.5V VOL + 0.3V VOH - 0.3V
trise and tfall
2.5V 0.2V VCC/2 VCC/2 VOL + 0.15V VOH - 0.15V
5
www.fairchildsemi.com
74LCX16501
Schematic Diagram Generic for LCX Family
www.fairchildsemi.com
6
74LCX16501
Physical Dimensions inches (millimeters) unless otherwise noted
56-Lead Shrink Small Outline Package (SSOP), JEDEC MO-118, 0.300" Wide Package Number MS56A
7
www.fairchildsemi.com
74LCX16501 18-Bit Universal Bus Transceivers with 5V Tolerant Inputs and Outputs
Physical Dimensions inches (millimeters) unless otherwise noted (Continued)
56-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 6.1mm Wide Package Number MTD56
LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 2. A critical component in any component of a life support 1. Life support devices or systems are devices or systems device or system whose failure to perform can be reawhich, (a) are intended for surgical implant into the sonably expected to cause the failure of the life support body, or (b) support or sustain life, and (c) whose failure device or system, or to affect its safety or effectiveness. to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in a significant injury to the www.fairchildsemi.com user.
Fairchild does not assume any responsibility for use of any circuitry described, no circuit patent licenses are implied and Fairchild reserves the right at any time without notice to change said circuitry and specifications.


▲Up To Search▲   

 
Price & Availability of 74LCX16501

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X